Part Number Hot Search : 
SPN7402 GBP5W ATMEGA3 D6553 A180Z MC34017A SMAJ58A D6553
Product Description
Full Text Search
 

To Download MAX2825 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3091; Rev 0; 12/03
MAX2825/MAX2826/MAX2827 Evaluation Kits
General Description
The MAX2825/MAX2826/MAX2827 evaluation kits (EV kits) simplify the testing of the MAX2825/MAX2826/ MAX2827, respectively. The EV kits provide 50 SMA connectors for all RF inputs and outputs, and all baseband inputs and outputs. Differential-to-single-ended and single-ended-to-differential line drivers are provided to convert the differential I/Q baseband inputs and outputs of the MAX2825/MAX2826/MAX2827 to singleended ports. The EV kits simplify evaluation of the receive and transmit performance in the corresponding 802.11x bands.
Features
o On-Board Line Drivers and Voltage Reference o 50 SMA on All RF and Baseband Ports o PC Control Software Available at www.maxim-ic.com o 3-Wire Serial Interface
Evaluate: MAX2825/MAX2826/MAX2827
Ordering Information
PART MAX2825EVKIT MAX2826EVKIT MAX2827EVKIT TEMP RANGE -40C to +85C -40C to +85C -40C to +85C IC PACKAGE 56 Thin QFN 56 Thin QFN 56 Thin QFN
MAX2825 Component List
DESIGNATION C1, C8, C14, C15, C31, C44, C48, C49, C61 C2, C12, C13 C4 C5, C7, C10, C11, C17, C18, C21, C22, C29, C35, C37, C40, C42, C43, C45, C46, C50, C52, C54, C59, C60 C6, C9, C16, C19, C20, C23-C28, C30, C32, C36, C38, C41, C56, C57, C58 C33, C34 C39, C51, C53, C55 C47 QTY 9 Open 10pF 0.1pF 0402 capacitors Murata GJ61555C1H100B 1.0pF 0.1pF 0402 capacitor Murata GJ61555C1H1R0B DESCRIPTION DESIGNATION J1, J4, J5-J9 J2, J3 3 1 J12-J16 J18 JP21, JP22 0.1F 10% 0402 capacitors Murata GRP155R61A104K L1 L3, L4, L5 L6 R1, R2, R6, R10, R16, R17, R22, R27 R3, R7, R18, R23, R25 2 330pF 10% 0402 capacitors Murata GRP155R71H331K 10F 10% tantalum capacitors-- A case AVX TAJA106K010 100pF 5% 0402 capacitor Murata GRP1555C1H101B R4, R5, R21, R26 R8, R9, R12, R13, R28, R29, R31, R32, R36, R42 QTY 7 2 5 1 2 1 3 1 DESCRIPTION SMA edge-mount--round contacts Johnson 142-0701-801 Open 1 x 2 headers Sullins PTC36SAAN DB25, right angle--male AMP 747238-4 1 x 3 headers Sullins PTC36SAAN 6.8nH 5% 0402 inductor Murata LQG15HN6R8J00 Open 3.9nH 0.2nH 0402 inductor Murata LQP15MN3N9C00 75 1% 0402 resistors 10k 1% 0402 resistors 49.9 1% 0402 resistors
21
17
0.01F 10% 0402 capacitors Murata GRP155R71C103K
8
5 4
4
10
0 5% 0402 resistors
1
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
MAX2825/MAX2826/MAX2827 Evaluation Kits Evaluate: MAX2825/MAX2826/MAX2827
MAX2825 Component List (continued)
DESIGNATION R11, R30, R33, R35, R38 R14 R15 R19 R20, R24 R34, R37 R39, R40, R41 R43 T1 T2 QTY 5 1 1 1 2 2 3 1 1 1 Open 267 1% 0402 resistor 11k 1% 0402 resistor EMI filter 0.2nH (0603) Murata BLM18AG221SN1D 365 1% 0402 resistors 100k 1% 0402 resistors 100 1% 0402 resistors 1k 1% 0402 resistor SMD balun Murata LDB182G4510C-110 Open DESCRIPTION DESIGNATION TP1-TP8, TP10-TP23 U1, U5 U2, U6 U3 U4 U7 U8, U9 QTY 22 2 2 1 1 1 2 DESCRIPTION Test points Keystone 5000 Differential line drivers Maxim MAX4447ESE Line receivers Maxim MAX4444ESE LDO Maxim MAX6061BEUR Maxim MAX2827ETN Open Octal buffer/driver Texas Instruments SN74LVTH244ADBR
MAX2826 Component List
DESIGNATION C1 C2, C4, C8, C12, C13, C31, C44, C48, C49, C61 C5, C7, C10, C11, C17, C18, C21, C22, C29, C35, C37, C40, C42, C43, C45, C46, C50, C52, C54, C59, C60 C6, C9, C16, C19, C20, C23-C28, C30, C32, C36, C38, C41, C56, C57, C58 C14, C15 C33, C34 QTY 1 DESCRIPTION 0.75pF 0.1pF 0402 capacitor Murata GRM1555C1HR75B DESIGNATION C39, C51, C53, C55 C47 J1, J4 J2, J3, J5-J9 21 0.1F 10% 0402 capacitors Murata GRP155R61A104K J12-J16 J18 JP21, JP22 17 0.01F 10% 0402 capacitors Murata GRP155R71C103K L1, L3, L4, L6 L5 2 2 1.2pF 0.1pF 0402 capacitors Murata GJ61555C1H1R2B 330pF 10% 0402 capacitors Murata GRP155R71H331K R1, R2, R6, R10, R16, R17, R22, R27 R3, R7, R18, R23, R25 QTY 4 DESCRIPTION 10F 10% tantalum capacitors-- A case AVX TAJA106K010 100pF 5% 0402 capacitor Murata GRP1555C1H101B Open SMA edge-mount--round contacts Johnson 142-0701-801 1 x 2 headers Sullins PTC36SAAN DB25, right angle--male AMP 747238-4 1 x 3 headers Sullins PTC36SAAN Open 4.3nH 0.2nH 0402 inductor Murata LQP15MN4N3C00 75 1% 0402 resistors
10
Open
1 2 7 5 1 2 4 1
8
5
10k 1% 0402 resistors
2
_______________________________________________________________________________________
MAX2825/MAX2826/MAX2827 Evaluation Kits
MAX2826 Component List (continued)
DESIGNATION R4, R5, R21, R26 R8, R9, R12, R13, R28, R29, R31, R32, R36, R42 R11, R30, R33, R35, R38 R14 R15 R19 R20, R24 R34, R37 R39, R40, R41 R43 QTY 4 DESCRIPTION 49.9 1% 0402 resistors DESIGNATION T1 T2 10 0 5% 0402 resistors TP1-TP8, TP10-TP23 U1, U5 5 1 1 1 2 2 3 1 Open 267 1% 0402 resistor 11k 1% 0402 resistor EMI filter 0.2nH (0603) Murata BLM18AG221SN1D 365 1% 0402 resistors 100k 1% 0402 resistors 100 1% 0402 resistors 1k 1% 0402 resistor U8, U9 2 U2, U6 U3 U4 U7 2 1 1 1 QTY 1 1 22 2 Open SMD balun Murata LDB215G2505C-001 Test points Keystone 5000 Differential line drivers Maxim MAX4447ESE Line receivers Maxim MAX4444ESE LDO Maxim MAX6061BEUR Maxim MAX2827ETN Open Octal buffer/driver Texas Instruments SN74LVTH244ADBR DESCRIPTION
Evaluate: MAX2825/MAX2826/MAX2827
MAX2827 Component List
DESIGNATION C1 C2, C12, C13 C4 C5, C7, C10, C11, C17, C18, C21, C22, C29, C35, C37, C40, C42, C43, C45, C46, C50, C52, C54, C59, C60 C6, C9, C16, C19, C20, C23-C28, C30, C32, C36, C38, C41, C56, C57, C58 QTY 1 3 1 DESCRIPTION 0.75pF 0.1pF 0402 capacitor Murata GRM1555C1HR75B 10pF 0.1pF 0402 capacitors Murata GJ61555C1H100B 1.0pF 0.1pF 0402 capacitor Murata GJ61555C1H1R0B
DESIGNATION C8, C31, C44, C48, C49, C61 C14, C15 C33, C34 C39, C51, C53, C55
QTY 14 2 2 Open
DESCRIPTION
1.2pF 0.1pF 0402 capacitors Murata GJ61555C1H1R2B 330pF 10% 0402 capacitors Murata GRP155R71H331K 10F 10% tantalum capacitors-- A case AVX TAJA106K010 100pF 5% 0402 capacitor Murata GRP1555C1H101B SMA edge-mount--round contacts Johnson 142-0701-801 1 x 2 headers Sullins PTC36SAAN DB25, right angle--male AMP 747238-4 1 x 3 headers Sullins PTC36SAAN
4
21
0.1F 10% 0402 capacitors Murata GRP155R61A104K
C47 J1-J9 J12-J16
1 9 5 1 2
17
0.01F 10% 0402 capacitors Murata GRP155R71C103K
J18 JP21, JP22
_______________________________________________________________________________________
3
MAX2825/MAX2826/MAX2827 Evaluation Kits Evaluate: MAX2825/MAX2826/MAX2827
MAX2827 Component List (continued)
DESIGNATION L1 L3, L4 L5 L6 R1, R2, R6, R10, R16, R17, R22, R27 R3, R7, R18, R23, R25 R4, R5, R21, R26 R8, R9, R12, R13, R28, R29, R31, R32, R36, R42 R11, R30, R33, R35, R38 R14 R15 QTY 1 2 1 1 DESCRIPTION 6.8nH 5% 0402 inductor Murata LQG15HN6R8J00 Open 4.3nH 0.2nH 0402 inductor Murata LQP15MN4N3C00 3.9nH 0.2nH 0402 inductor Murata LQP15MN3N9C00 75 1% 0402 resistors
DESIGNATION R19 R20, R24 R34, R37 R39, R40, R41 R43 T1
QTY 1 2 2 3 1 1 1 22 2 2 1 1 1 2
DESCRIPTION EMI filter 0.2nH (0603) Murata BLM18AG221SN1D 365 1% 0402 resistors 100k 1% 0402 resistors 100 1% 0402 resistors 1k 1% 0402 resistor SMD balun Murata LDB182G4510C-110 SMD balun Murata LDB215G2505C-001 Test points Keystone 5000 Differential line drivers Maxim MAX4447ESE Line receivers Maxim MAX4444ESE LDO Maxim MAX6061BEUR Maxim MAX2827ETN Open Octal buffer/driver Texas Instruments SN74LVTH244ADBR
8
T2 TP1-TP8, TP10-TP23 U1, U5 U2, U6
5 4
10k 1% 0402 resistors 49.9 1% 0402 resistors
10
0 5% 0402 resistors
U3
5 1 1 Open 267 1% 0402 resistor 11k 1% 0402 resistor
U4 U7 U8, U9
Component Suppliers
SUPPLIER AVX Digi-Key Johnson Components Murata Texas Instruments PHONE 843-448-9411 800-344-4539 800-247-8256 770-436-1300 -- FAX 843-448-1943 218-681-3380 507-833-6287 770-436-3030 -- WEBSITE www.avx.com www.digikey.com www.johnsoncomponents.com www.murata.com www.ti.com
Quick Start
Each EV kit is fully assembled and factory tested. Follow the instructions in the Connections and Setup section to test the device.
MAX2827. It is intended as a guide only, and substitutions may be possible. * DC supply capable of delivering +5.0V and 200mA of continuous current * DC supply capable of delivering -5.0V and 200mA of continuous current * DC supply capable of delivering +3.6V and 400mA of continuous current
Test Equipment Required
This section lists the recommended test equipment to verify the operation of the MAX2825/MAX2826/
4
_______________________________________________________________________________________
MAX2825/MAX2826/MAX2827 Evaluation Kits
* HP8663A or equivalent low-noise signal source capable of generating a 20MHz or 40MHz reference oscillator signal * Two HP8648 or equivalent signal sources capable of generating 0dBm up to 6GHz * 802.11x I/Q waveform generator (optional) * HP8561E or equivalent RF spectrum analyzer with a minimum frequency range of 100kHz to 6GHz * TDS3012 or equivalent oscilloscope with 200MHz bandwidth * IBM PC or compatible with Windows95/98/2000/NT 4.0, or later operating system and an available parallel port * Male-to-female 25-pin parallel cable, straight through 3) Set the register setting to the default values listed in the MAX2825/MAX2826/MAX2827 data sheet. Use the software to select between 802.11g and 802.11a modes. In the program, set the frequency to either 2442MHz (802.11g) or 5.255GHz (802.11a). Set the RX gain to maximum using either the slider bar or the control bits. 4) Connect the spectrum analyzer to either RXBBI or RXBBQ. Set the center frequency to 5MHz with a 10MHz span. 5) Turn on the RF signal source. The output at 5MHz should be approximately -4dBm (802.11g) or -5dBm (802.11a). Transmit Mode To evaluate the devices in transmit mode: 1) Set the TXON jumper (JP21) to the On position and the RXON jumper (JP22) to the Off position. 2) Connect a 2MHz I/Q signal to TXBBQ and TXBBI. Set the input amplitude of each channel to 100mVRMS. 3) Set the register setting to the default values listed in the MAX2825/MAX2826/MAX2827 data sheet. Use the software to select between 802.11g and 802.11a modes. In the program, set the frequency to either 2437MHz (802.11g) or 5.25GHz (802.11a). Set the TX gain to maximum using either the slider bar or the control bits. 4) Connect the spectrum analyzer to either TXRFL (802.11g, J1) or TXRFH (802.11a, J2). 5) Turn on the baseband signal sources. The output at RF should be approximately -2dBm (802.11g) or -4dBm (802.11a).
Evaluate: MAX2825/MAX2826/MAX2827
Connections and Setup
This section provides step-by-step instructions for getting the EV kit up and running in all modes: 1) Install and run the MAX2825/MAX2826/MAX2827 control software. 2) To control the EV kit through the 3-wire interface, connect the male-to-female 25-pin parallel cable between the PC and EV kit. 3) With the power supply turned off, connect a +2.7V power supply to the header labeled VCC (J13). Connect the power-supply ground to the header labeled GND (J12). 4) With the power supply turned off, connect a +5V power supply to the header labeled +5V (J16), and a -5V power supply to the header labeled -5V (J14). Connect the power-supply ground to the header labeled GND (J21). 5) Connect the low-noise signal source to FREF (J9). 6) Turn on the +5V and -5V power supplies, followed by the +2.7V power supply. Set the low-noise signal source to 20MHz and 2dBm. Enable the signal source. The lock indicator should be green. Receive Mode To evaluate the devices in receive mode: 1) Set the RXON jumper (JP22) to the On position and the TXON jumper (JP21) to the Off position. 2) Connect the RF signal source to either RXRFL (802.11g, J4) or RXRFH (802.11a, J3). Set the RF frequency to 2437MHz (802.11g) or 5.25GHz (802.11a). Set the signal power to -100dBm.
Layout Considerations
The MAX2825/MAX2826/MAX2827 EV kits can serve as guides for board layout. Keep PC board trace lengths as short as possible to minimize parasitic inductance. Also, keep decoupling capacitors as close to the IC as possible with a direct connection to the ground plane. Please refer to the MAX2825/MAX2826/MAX2827 data sheet for more detailed information. Gerber files for these EV kits can be requested at www.maxim-ic.com.
Windows is a registered trademark of Microsoft. _______________________________________________________________________________________ 5
MAX2825/MAX2826/MAX2827 Evaluation Kits Evaluate: MAX2825/MAX2826/MAX2827
Figure 1. MAX2825/MAX2826/MAX2827 EV Kit Schematics 6 _______________________________________________________________________________________
MAX2825/MAX2826/MAX2827 Evaluation Kits Evaluate: MAX2825/MAX2826/MAX2827
1.0"
Figure 2. MAX2825/MAX2826/MAX2827 EV Kit PC Board Layout--Top Silkscreen
_______________________________________________________________________________________
7
MAX2825/MAX2826/MAX2827 Evaluation Kits Evaluate: MAX2825/MAX2826/MAX2827
1.0"
Figure 3. MAX2825/MAX2826/MAX2827 EV Kit PC Board Layout--Component Side
8
_______________________________________________________________________________________
MAX2825/MAX2826/MAX2827 Evaluation Kits Evaluate: MAX2825/MAX2826/MAX2827
1.0"
Figure 4. MAX2825/MAX2826/MAX2827 EV Kit PC Board Layout--Inner Layer 2, Gound Layer
_______________________________________________________________________________________
9
MAX2825/MAX2826/MAX2827 Evaluation Kits Evaluate: MAX2825/MAX2826/MAX2827
1.0"
Figure 5. MAX2825/MAX2826/MAX2827 EV Kit PC Board Layout--Inner Layer 3, Routes
10
______________________________________________________________________________________
MAX2825/MAX2826/MAX2827 Evaluation Kits Evaluate: MAX2825/MAX2826/MAX2827
1.0"
Figure 6. MAX2825/MAX2826/MAX2827 EV Kit PC Board Layout--Solder Side
______________________________________________________________________________________
11
MAX2825/MAX2826/MAX2827 Evaluation Kits Evaluate: MAX2825/MAX2826/MAX2827
1.0"
Figure 7. MAX2825/MAX2826/MAX2827 EV Kit PC Board Layout--Bottom Silkscreen
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2003 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX2825

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X